Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8022ARMZ Fiches technique(PDF) 36 Page - Analog Devices

No de pièce AD8022ARMZ
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8022ARMZ Fiches technique(HTML) 36 Page - Analog Devices

Back Button AD8022ARMZ Datasheet HTML 32Page - Analog Devices AD8022ARMZ Datasheet HTML 33Page - Analog Devices AD8022ARMZ Datasheet HTML 34Page - Analog Devices AD8022ARMZ Datasheet HTML 35Page - Analog Devices AD8022ARMZ Datasheet HTML 36Page - Analog Devices AD8022ARMZ Datasheet HTML 37Page - Analog Devices AD8022ARMZ Datasheet HTML 38Page - Analog Devices AD8022ARMZ Datasheet HTML 39Page - Analog Devices AD8022ARMZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
System Architecture
2-2
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
System Architecture
This section describes the processor’s configuration on the EZ-KIT Lite
board (Figure 2-1).
The EZ-KIT Lite is designed to demonstrate the ADSP-BF506F Blackfin
processor capabilities. The processor has an I/O voltage of 3.3V. The core
voltage of the processor is controlled by an Analog Devices ADP1715 low
dropout regulator (LDO) and an Analog Devices AD5258 digipot, which
Figure 2-1. System Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75