Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1864AUJZ-R7 Fiches technique(PDF) 33 Page - Analog Devices

No de pièce ADP1864AUJZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1864AUJZ-R7 Fiches technique(HTML) 33 Page - Analog Devices

Back Button ADP1864AUJZ-R7 Datasheet HTML 29Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 30Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 31Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 32Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 33Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 34Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 35Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 36Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
1-13
Using ADSP-BF506F EZ-KIT Lite
using an oscilloscope, and the value of the resistor can be measured using a
precision multi-meter. Once the voltage and resistance are measured, the
current can be calculated by dividing the voltage by the resistance. For the
highest accuracy, a differential probe should be used for measuring the
voltage across the resistor.
Example Programs
Example programs are provided with the ADSP-BF506F EZ-KIT Lite to
demonstrate various capabilities of the product. The programs are
installed with the ADSP-BF506F special kit installation, on top of the
VisualDSP++ 5.0 base kit or any VisualDSP++ and can be found in the
<install_path>\Blackfin\Examples\ADSP-BF506F EZ-KIT Lite
direc-
tory. Refer to a readme file provided with each example for more
information.
Background Telemetry Channel
The USB debug agent supports the background telemetry channel (BTC),
which facilitates data exchange between VisualDSP++ and the processor
without interrupting processor execution.
The BTC allows you to view a variable as it is updated or changed, all
while the processor continues to execute. For increased performance of the
BTC, including faster reading and writing, please check our latest line of
processor emulators at:
http://www.analog.com/en/embedded-processing-dsp/black-
fin/USB-EMULATOR/products/product.html
. For more information about
the BTC, see the online Help.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75