| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO7240CF Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7240CF Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 27 page ![]() ISO7240CF, ISO7240C, ISO7240M ISO7241C, ISO7241M ISO7242C, ISO7242M www.ti.com SLLS868L – SEPTEMBER 2007 – REVISED JANUARY 2010 Changes from Revision I (December 2008) to Revision J Page • Changed ICC1 for Quiescent and 1Mbps From: 10mA To: 11mA ......................................................................................... 4 • Changed ICC1 for Quiescent and 1Mbps From: 10mA To: 11mA ......................................................................................... 6 Changes from Revision J (April 2009) to Revision K Page • Changed the Input circuit in the DEVICE I/O SCHEMATICS illustration ............................................................................ 15 Changes from Revision K (Decemberl 2009) to Revision L Page • Added the IEC 60747-5-2 INSULATION CHARACTERISTIC table ..................................................................................... 3 • Added CTI - Tracking resistance (comparative tracking index to the PACKAGE CHARACTERISTICS table ................... 14 • Added the IEC 60664-1 RATINGS TABLE ......................................................................................................................... 15 Copyright © 2007–2010, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Link(s): ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M |