Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8427 Fiches technique(PDF) 41 Page - Cirrus Logic

No de pièce CS8427
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427 Fiches technique(HTML) 41 Page - Cirrus Logic

Back Button CS8427_09 Datasheet HTML 37Page - Cirrus Logic CS8427_09 Datasheet HTML 38Page - Cirrus Logic CS8427_09 Datasheet HTML 39Page - Cirrus Logic CS8427_09 Datasheet HTML 40Page - Cirrus Logic CS8427_09 Datasheet HTML 41Page - Cirrus Logic CS8427_09 Datasheet HTML 42Page - Cirrus Logic CS8427_09 Datasheet HTML 43Page - Cirrus Logic CS8427_09 Datasheet HTML 44Page - Cirrus Logic CS8427_09 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
CS8427
DS477F5
41
TXP
TXN
25
26
Differential Line Driver (Output) - Drivers transmit AES3 data and are pulled low while the
CS8427 is in the reset state.
AD1/CDIN
27 Address Bit 1 (I²C) / Serial Control Data in (SPI) (Input) - In I²C mode, AD1 is a chip
address pin. In SPI mode, CDIN is the input data line for the control port interface
SCL/CCLK
28 Control Port Clock (Input) - Serial control interface clock and is used to clock control data
bits into and out of the CS8427. In I²C mode, SCL requires an external pull-up resistor to
VL+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60