| Moteur de recherche de fiches techniques de composants électroniques |
|
CS8421 Fiches technique(PDF) 5 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8421 Fiches technique(HTML) 5 Page - Cirrus Logic |
|
5 / 36 page ![]() DS641F4 5 CS8421 Figure 53. Linearity Error, 0 to -140 dBFS Input, 200 Hz Tone, 96 kHz:48 kHz ........................................ 31 Figure 54. Linearity Error, 0 to -140 dBFS Input, 200 Hz Tone, 44.1 kHz:192 kHz ................................... 31 Figure 55. Linearity Error, 0 to -140 dBFS Input, 200 Hz Tone, 44.1 kHz:48 kHz ..................................... 31 Figure 56. Linearity Error, 0 to -140 dBFS Input, 200 Hz Tone, 192 kHz:44.1 kHz ................................... 31 Figure 57. THD+N vs. Input Amplitude, 1 kHz Tone, 48 kHz:44.1 kHz ..................................................... 32 Figure 58. THD+N vs. Input Amplitude, 1 kHz Tone, 48 kHz:96 kHz ........................................................ 32 Figure 59. THD+N vs. Input Amplitude, 1 kHz Tone, 96 kHz:48 kHz ........................................................ 32 Figure 60. THD+N vs. Input Amplitude, 1 kHz Tone, 44.1 kHz:192 kHz ................................................... 32 Figure 61. THD+N vs. Input Amplitude, 1 kHz Tone, 44.1 kHz:48 kHz ..................................................... 32 Figure 62. THD+N vs. Input Amplitude, 1 kHz Tone, 192 kHz:48 kHz ...................................................... 32 Figure 63. THD+N vs. Frequency Input, 0 dBFS, 48 kHz:44.1 kHz........................................................... 33 Figure 64. THD+N vs. Frequency Input, 0 dBFS, 48 kHz:96 kHz.............................................................. 33 Figure 65. THD+N vs. Frequency Input, 0 dBFS, 44.1 kHz:48 kHz........................................................... 33 Figure 66. THD+N vs. Frequency Input, 0 dBFS, 96 kHz:48 kHz.............................................................. 33 LIST OF TABLES Table 1. Serial Audio Port Master/Slave and Clock Ratio Select Start-Up Options (MS_SEL) ................. 19 Table 2. Serial Audio Input Port Start-Up Options (SAIF) .......................................................................... 19 Table 3. Serial Audio Output Port Start-Up Options (SAOF) ..................................................................... 19 |