| Moteur de recherche de fiches techniques de composants électroniques |
|
CS8130-CS Fiches technique(PDF) 1 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8130-CS Fiches technique(HTML) 1 Page - Cirrus Logic |
|
1 / 28 page ![]() Features •• Adds IR port to standard UART •• IrDA, HPSIR, ASK (CW) & TV remote compatible •• 1200bps to 115kbps data rate •• Programmable Tx LED power •• Programmable Rx threshold level •• Power down modes •• Direct, no modulation, mode •• Tiny 5x7mm 20 pin SSOP package •• +2.7V to +5.5V supply General Description The CS8130 is an infrared transceiver integrated cir- cuit. The receive channel includes on-chip high gain PIN diode amplifier, IrDA, HPSIR, ASK & TV remote compatible decoder, and data pulse stretcher. The transmit path includes IrDA, HPSIR, ASK & TV remote compatible encoder, and LED driver. The computer data port is standard UART TxD and RxD compatible, and operates from 1200 to 115200 baud. External PIN diode and transmit LED are required. A control mode is provided to allow easy UART program- ming of different modes. The CS8130 operates from power supplies of +2.7V to +5.5V. Ordering Information: See page 28. Multi-Standard Infrared Transceiver Semiconductor Corporation This document contains information for a new product. Crystal Semiconductor reserves the right to modify this product without notice. Preliminary Product Information JUN ’94 DS134PP2 1 Crystal Semiconductor Corporation P.O. Box 17847, Austin, TX 78760 (512) 445-7222 FAX: (512) 445-7581 Copyright © Crystal Semiconductor Corporation 1994 (All Rights Reserved) CS8130 PIN Diode Preamplifier PINC PINA Threshold Detect/Decode Demodulator UART RxD RXD LED Driver 1 LED1C Modulator Data/Control Decoder TxD TXD DTR Baud Rate Generator XTALOUT XTALIN +Supply +Supply LED Driver 2 LED2C EXTCLK CTS FORM/BSY RESET 6 7 1 4 TGND2 TGND1 3 2 CLKFR 5 AGND 19 17 18 9 11 10 15 14 16 13 STANDARD FIFO VA+ 8 +Supply VD+ 12 DGND 20 PWRDN D/C Copyright © Cirrus Logic, Inc. 2005 (All Rights Reserved) http://www.cirrus.com CS8130 Multi-Standard Infrared Transceiver SEP ‘05 DS134F1 |
Numéro de pièce similaire - CS8130-CS |
|
Description similaire - CS8130-CS |