| Moteur de recherche de fiches techniques de composants électroniques |
|
CS4299 Fiches technique(PDF) 16 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4299 Fiches technique(HTML) 16 Page - Cirrus Logic |
|
16 / 81 page ![]() CS4205 16 DS489PP4 3. DIGITAL SIGNAL PATHS The CS4205 includes a number of internal digital signal path options. Figure 9 shows the principal signal flow options through one channel of the de- vice. Four commonly used signal flow modes are detailed in the following sections. The signal flow modes are controlled through the bits in the AC Mode Control Register (Index 5Eh). The bit config- uration for each detailed mode is listed in Table 1 on page 17. 3.1 Analog Centric Mode Analog centric mode is detailed in Figure 10 on page 18. In this mode, all the digital sources are pre-mixed in the digital mixer and sent to the DACs. The DAC outputs are mixed with the analog sources in the analog mixer. The ADCs send cap- tured data directly to the host. The ADC mux is used to select a single source or the output of the in- put mixer for capture. In the analog centric mode, effects processing is only available on digital sources. Signal Processing Engine SRC DAC LINE_OUT MONO_OUT Σ ADC ½ ADC SRC ½ SRC I²S IN1 I²S IN2 I²S IN3 ZV ASRC VOL VOL VOL VOL Σ DIG EFX I²S OUT1 S/PDIF OUT I²S OUT2 VOL VOL VOL VOL DACS CAPS MICS DDM SDOS SPDS front ch L/R cap mic cap surr ch c+lfe ch MIXER mux out mic out Figure 9. Digital Signal Path Overview |