| Moteur de recherche de fiches techniques de composants électroniques |
|
CS3003_0910 Fiches technique(PDF) 4 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS3003_0910 Fiches technique(HTML) 4 Page - Cirrus Logic |
|
4 / 10 page ![]() CS3003 4 DS735F3 1.2 3 V Electrical Characteristics V+ = +3 V, ±10%; V- = 0V; VCM = 1.5 V; Unless otherwise noted, TA = 25º C (See Note 5). Notes: 5. Symbol “•” denotes specification applies over -40 to +125 ° C. 6. This parameter is guaranteed by design and/or laboratory characterization. 7. Guaranteed within the output limits of (V+ – 0.2 V) to (V- + 0.2 V). 8. Specifies the worst case drive voltage relative to the supply rail under stated load conditions. Parameter Min Typ Max Unit Input Offset Voltage (Note 6) • -±2 ±10 µV Average Input Offset Drift (Note 6) • - ±0.01 ±0.05 µV/ºC Input Bias Current • - - ±110 - ±150 ±1.0 pA nA Input Offset Current • - - ±220 - ±300 ±2.0 pA nA Input Noise Voltage Density RS = 100 Ω, f0 = 1 Hz RS = 100 Ω, f0 = 1 kHz - - 17 17 - - Input Noise Voltage 0.1 to 10 Hz - 350 - nVp-p Input Noise Current Density f0 = 1 Hz - 100 - Input Noise Current 0.1 to 10 Hz - 1.9 pAp-p Input Voltage Range (Note 6) • V- - V+ V Common Mode Rejection Ratio (DC) • 110 120 - dB Power Supply Rejection Ratio • 110 130 - dB Large Signal Voltage Gain (Note 7)RL = 2 kΩ to V+/2 • - 120 160 150 - - dB dB Output Voltage Swing RL = 2 kΩ to V+/2 (Note 8)RL = 100 kΩ to V+/2 • (V+ – 100) (V+ – 10) - - (V- + 100 ) (V- + 10) mV mV Slew Rate RL = 2 k, 100 pF 0.25 - V/µs Overload Recovery Time - 25 - µs Supply Current • -2.0 2.5 mA Chopping Frequency - 150 - kHz Input Capacitance Differential Common Mode - - 1.5 10 - - pF pF nV/ Hz nV/ Hz fA/ Hz |