Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAW101S Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BAW101S
Description  High voltage double diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAW101S Fiches technique(HTML) 6 Page - NXP Semiconductors

  BAW101S Datasheet HTML 1Page - NXP Semiconductors BAW101S Datasheet HTML 2Page - NXP Semiconductors BAW101S Datasheet HTML 3Page - NXP Semiconductors BAW101S Datasheet HTML 4Page - NXP Semiconductors BAW101S Datasheet HTML 5Page - NXP Semiconductors BAW101S Datasheet HTML 6Page - NXP Semiconductors BAW101S Datasheet HTML 7Page - NXP Semiconductors BAW101S Datasheet HTML 8Page - NXP Semiconductors BAW101S Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2003 May 13
6
NXP Semiconductors
Product data sheet
High voltage double diode
BAW101S
handbook, halfpage
050
Tamb (°C)
VR
(V)
100
200
400
300
100
0
200
150
MLE060
Fig.7
Maximum permissible continuous reverse
voltage as a function of ambient
temperature.



Html Pages

1 2 3 4 5 6 7 8 9