Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TX32/19/13 Fiches technique(PDF) 3 Page - Ferroxcube International Holding B.V.

No de pièce TX32/19/13
Description  Ferrite toroids
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FERROXCUBE [Ferroxcube International Holding B.V.]
Site Internet  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TX32/19/13 Fiches technique(HTML) 3 Page - Ferroxcube International Holding B.V.

  TX32/19/13 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TX32/19/13 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TX32/19/13 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2008 Sep 01
1720
Ferroxcube
Ferrite toroids
TX32/19/13
DATA SHEET STATUS DEFINITIONS
DISCLAIMER
Life support applications
 These products are not designed for use in life support appliances, devices, or systems
where malfunction of these products can reasonably be expected to result in personal injury. Ferroxcube customers
using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Ferroxcube
for any damages resulting from such application.
PRODUCT STATUS DEFINITIONS
DATA SHEET
STATUS
PRODUCT
STATUS
DEFINITIONS
Preliminary
specification
Development
This data sheet contains preliminary data. Ferroxcube reserves the right to
make changes at any time without notice in order to improve design and
supply the best possible product.
Product specification
Production
This data sheet contains final specifications. Ferroxcube reserves the right
to make changes at any time without notice in order to improve design and
supply the best possible product.
STATUS
INDICATION
DEFINITION
Prototype
These are products that have been made as development samples for the purposes of
technical evaluation only. The data for these types is provisional and is subject to
change.
Design-in
These products are recommended for new designs.
Preferred
These products are recommended for use in current designs and are available via our
sales channels.
Support
These products are not recommended for new designs and may not be available
through all of our sales channels. Customers are advised to check for availability.



Html Pages

1 2 3