| Moteur de recherche de fiches techniques de composants électroniques |
|
ADC1610S Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
ADC1610S Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 38 page ![]() ADC1610S_SER_2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Objective data sheet Rev. 02 — 12 April 2010 2 of 38 NXP Semiconductors ADC1610S series ADC1610S series; CMOS or LVDS DDR digital output 4. Ordering information 5. Block diagram Table 1. Ordering information Type number fs (Msps) Package Name Description Version ADC1610S125HN/C1 125 HVQFN40 plastic thermal enhanced very thin quad flat package; no leads; 40 terminals; body 6 × 6 × 0.85 mm SOT618-6 ADC1610S105HN/C1 105 HVQFN40 plastic thermal enhanced very thin quad flat package; no leads; 40 terminals; body 6 × 6 × 0.85 mm SOT618-6 ADC1610S080HN/C1 80 HVQFN40 plastic thermal enhanced very thin quad flat package; no leads; 40 terminals; body 6 × 6 × 0.85 mm SOT618-6 ADC1610S065HN/C1 65 HVQFN40 plastic thermal enhanced very thin quad flat package; no leads; 40 terminals; body 6 × 6 × 0.85 mm SOT618-6 Fig 1. Block diagram ADC1610S SPI INTERFACE OUTPUT DRIVERS OUTPUT DRIVERS SYSTEM REFERENCE AND POWER MANAGEMENT ERROR CORRECTION AND DIGITAL PROCESSING ADC CORE 16-BIT PIPELINED T/H INPUT STAGE INP OTR CS SDIO/ODS SCLK/DFS PWD REFT CMOS: D15 to D0 or LVDS/DDR: D15_M to D0_M D15_P to D0_P INM CLOCK INPUT STAGE AND DUTY CYCLE CONTROL REFB CLKM CLKP SENSE VREF VCM 005aaa156 OE CMOS: DAV or LVDS/DDR: DAVP DAVM |