Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC3GU04GD Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74LVC3GU04GD
Description  Triple inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3GU04GD Fiches technique(HTML) 2 Page - NXP Semiconductors

  74LVC3GU04GD Datasheet HTML 1Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 2Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 3Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 4Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 5Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 6Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 7Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74LVC3GU04_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 11 November 2009
2 of 17
NXP Semiconductors
74LVC3GU04
Triple inverter
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
74LVC3GU04GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74LVC3GU04GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74LVC3GU04GM
−40 °C to +125 °C
XQFN8U
plastic extremely thin quad flat package; no leads;
8 terminals; UTLP based; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 1.
Ordering information …continued
Type number
Package
Temperature range
Name
Description
Version
Table 2.
Marking codes
Type number
Marking code[1]
74LVC3GU04DP
VU04
74LVC3GU04DC
VU4
74LVC3GU04GT
VU4
74LVC3GU04GD
VU4
74LVC3GU04GM
VU4
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aah793
1A
1Y
2A
2Y
3A
3Y
1
1
001aah794
1
Fig 3.
Logic diagram (one gate)
mna636
A
Y
100
Ω
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17