| Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC1G99GD Fiches technique(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC1G99GD Fiches technique(HTML) 11 Page - NXP Semiconductors |
|
11 / 29 page ![]() 74LVC1G99_4 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 16 April 2010 11 of 29 NXP Semiconductors 74LVC1G99 Ultra-configurable multiple function gate; 3-state 7.7 3-state XOR/XNOR functions available [1] H = HIGH voltage level; L = LOW voltage level. [1] H = HIGH voltage level; L = LOW voltage level. Table 17. Function table[1] See Figure 17. Function Input OE A B C D 3-state XOR L input 1 H or L L input 2 L input 2 H or L L input 1 L H or L input 1 H input 2 L H or L input 2 H input 1 L L H input 1 input 2 L L H input 2 input 1 Fig 17. 3-state XOR function 001aah337 OE input 1 input 2 Y Table 18. Function table[1] See Figure 18. Function Input OE A B C D 3-state XOR L H L input 1 input 2 Fig 18. 3-state XOR function 001aah338 OE input 1 input 2 Y |