| Moteur de recherche de fiches techniques de composants électroniques |
|
TMX320C6720RFP300 Fiches technique(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMX320C6720RFP300 Fiches technique(HTML) 24 Page - Texas Instruments |
|
24 / 118 page ![]() TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 www.ti.com Table 2-12. Terminal Functions (continued) GDH/ SIGNAL NAME RFP TYPE(1) PULL(2) GPIO(3) DESCRIPTION ZDH McASP0, McASP1, McASP2, and SPI1 Serial Ports(4) AHCLKR0/AHCLKR1 143 B3 IO - Y McASP0 and McASP1 Receive Master Clock ACLKR0 139 A5 IO - Y McASP0 Receive Bit Clock AFSR0 141 B4 IO - Y McASP0 Receive Frame Sync (L/R Clock) AHCLKX0/AHCLKX2 2 C2 IO - Y McASP0 and McASP2 Transmit Master Clock(4) ACLKX0 142 A4 IO - Y McASP0 Transmit Bit Clock AFSX0 144 A3 IO - Y McASP0 Transmit Frame Sync (L/R Clock) AMUTE0 3 C1 O - Y McASP0 MUTE Output AXR0[0] 113 A14 IO - Y McASP0 Serial Data 0 AXR0[1] 115 B13 IO - Y McASP0 Serial Data 1 AXR0[2] 116 A13 IO - Y McASP0 Serial Data 2 AXR0[3] 117 B12 IO - Y McASP0 Serial Data 3 AXR0[4] 119 A12 IO - Y McASP0 Serial Data 4 AXR0[5]/SPI1_SCS 120 B11 IO - Y McASP0 Serial Data 5 or SPI1 Slave Chip Select AXR0[6]/SPI1_ENA 121 A11 IO - Y McASP0 Serial Data 6 or SPI1 Enable (Ready) AXR0[7]/SPI1_CLK 122 B10 IO - Y McASP0 Serial Data 7 or SPI1 Serial Clock AXR0[8]/AXR1[5]/ McASP0 Serial Data 8 or McASP1 Serial Data 5 or SPI1 126 B9 IO - Y SPI1_SOMI Data Pin Slave Out Master In AXR0[9]/AXR1[4]/ McASP0 Serial Data 9 or McASP1 Serial Data 4 or SPI1 127 A9 IO - Y SPI1_SIMO Data Pin Slave In Master Out AXR0[10]/AXR1[3] 130 B8 IO - Y McASP0 Serial Data 10 or McASP1 Serial Data 3 AXR0[11]/AXR1[2] 131 A8 IO - Y McASP0 Serial Data 11 or McASP1 Serial Data 2 AXR0[12]/AXR1[1] 134 B7 IO - Y McASP0 Serial Data 12 or McASP1 Serial Data 1 AXR0[13]/AXR1[0] 135 B6 IO - Y McASP0 Serial Data 13 or McASP1 Serial Data 0 AXR0[14]/AXR2[1] 137 A6 IO - Y McASP0 Serial Data 14 or McASP2 Serial Data 1(4) AXR0[15]/AXR2[0] 138 B5 IO - Y McASP0 Serial Data 15 or McASP2 Serial Data 0(4) ACLKR1 9 E1 IO - Y McASP1 Receive Bit Clock AFSR1 12 F1 IO - Y McASP1 Receive Frame Sync (L/R Clock) AHCLKX1 5 D1 IO - Y McASP1 Transmit Master Clock ACLKX1 7 E2 IO - Y McASP1 Transmit Bit Clock AFSX1 11 F2 IO - Y McASP1 Transmit Frame Sync (L/R Clock) AMUTE1 4 D2 O - Y McASP1 MUTE Output AHCLKR2 - C14 IO IPD Y McASP2 Receive Master Clock ACLKR2 - C13 IO IPD Y McASP2 Receive Bit Clock AFSR2 - C12 IO IPD Y McASP2 Receive Frame Sync (L/R Clock) ACLKX2 - D11 IO IPD Y McASP2 Transmit Bit Clock AFSX2 - C11 IO IPD Y McASP2 Transmit Frame Sync (L/R Clock) AMUTE2/HINT - D10 O IPD Y McASP2 MUTE Output or UHPI Host Interrupt SPI0, I2C0, and I2C1 Serial Port Pins SPI0_SOMI/I2C0_SDA 111 B14 IO - Y SPI0 Data Pin Slave Out Master In or I2C0 Serial Data SPI0_SIMO 110 B15 IO - Y SPI0 Data Pin Slave In Master Out SPI0_CLK/I2C0_SCL 108 C16 IO - Y SPI0 Serial Clock or I2C0 Serial Clock SPI0_SCS/I2C1_SCL 107 C15 IO - Y SPI0 Slave Chip Select or I2C1 Serial Clock SPI0_ENA/I2C1_SDA 105 D16 IO - Y SPI0 Enable (Ready) or I2C1 Serial Data (4) McASP2 is not available on the C6722B and C6720. Device Overview 24 Submit Documentation Feedback |