| Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC1G74DC Fiches technique(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC1G74DC Fiches technique(HTML) 16 Page - NXP Semiconductors |
|
16 / 21 page ![]() 74LVC1G74_8 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 08 — 3 December 2009 16 of 21 NXP Semiconductors 74LVC1G74 Single D-type flip-flop with set and reset; positive edge trigger Fig 14. Package outline SOT1089 (XSON8) References Outline version European projection Issue date IEC JEDEC JEITA SOT1089 MO-252 sot1089_po 09-04-10 09-10-22 Unit mm max nom min 0.5 0.04 1.40 1.35 1.30 1.05 1.00 0.95 0.55 0.35 0.20 0.15 0.12 A(1) Dimensions Note 1. Including plating thickness. 2. Visible depending upon used manufacturing technology. XSON8: extremely thin small outline package; no leads; 8 terminals; body 1.35 x 1 x 0.5 mm SOT1089 A1 bb1 0.40 0.35 0.32 0.35 0.30 0.27 DE e e1 L 0 0.5 1 mm scale terminal 1 index area E D detail X A A1 b b1 L e1 e terminal 1 index area 1 4 8 5 (4 ×)(2) (8 ×)(2) X |