| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320DM335 Fiches technique(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM335 Fiches technique(HTML) 39 Page - Texas Instruments |
|
39 / 155 page ![]() TMS320DM335 Digital Media System-on-Chip (DMSoC) www.ti.com SPRS528B – JULY 2008 – REVISED JANUARY 2009 Table 2-23. DM335 Pin Descriptions (continued) Name BGA Type Group Power PU Reset Description(4) Mux Control ID (1) Supply(2) PD(3) State CAM_HD / N5 I/O CCDC VDD_VIN PD in Horizontal synchronization signal that can be PINMUX0[11].CAM_ GIO085 / GIO either an input (slave mode) or an output HD (master mode). Tells the CCDC when a new line starts. GIO: GIO[085] CAM_VD / R4 I/O CCDC VDD_VIN PD in Vertical synchronization signal that can be PINMUX0[12].CAM_ GIO084 / GIO either an input (slave mode) or an output VD (master mode). Tells the CCDC when a new frame starts. GIO: GIO[084] CAM_WEN_FIE R5 I/O CCDC VDD_VIN PD in Write enable input signal is used by external PINMUX0[13].CAM_ LD / GIO083 / GIO device (AFE/TG) to gate the DDR output of WEN the CCDC module. Alternately, the field identification input plus signal is used by external device (AFE/TG) to indicate the which of two frames is input to the CCDC module for sensors with interlaced output. CCDC handles 1- or 2-field sensors in hardware. GIO: GIO[083] CCDC.MODE[7].CC DMD & CCDC.MODE[5].SW EN PCLK / GIO082 T3 I/O CCDC VDD_VIN PD in Pixel clock input (strobe for lines CI7 through PINMUX0[14].PCLK / GIO YI0) GIO: GIO[082] YOUT7-R7 C3 I/O VENC VDD_VOUT in Digital Video Out: VENC settings determine function(4) YOUT6-R6 A4 I/O VENC VDD_VOUT in Digital Video Out: VENC settings determine function(4) YOUT5-R5 B4 I/O VENC VDD_VOUT in Digital Video Out: VENC settings determine function(4) YOUT4-R4 B3 I/O VENC VDD_VOUT in Digital Video Out: VENC settings determine function(4) YOUT3-R3 B2 I/O VENC VDD_VOUT in Digital Video Out: VENC settings determine function(4) YOUT2-G7 A3 I/O VENC VDD_VOUT in Digital Video Out: VENC settings determine function(4) YOUT1-G6 A2 I/O VENC VDD_VOUT in Digital Video Out: VENC settings determine function(4) YOUT0-G5 B1 I/O VENC VDD_VOUT in Digital Video Out: VENC settings determine function(4) COUT7-G4 / C2 I/O VENC VDD_VOUT in Digital Video Out: VENC settings determine PINMUX1[1:0].COU GIO081 / PWM0 / GIO / function T_7 PWM0 GIO: GIO[081] PWM0 COUT6-G3 / D2 I/O VENC VDD_VOUT in Digital Video Out: VENC settings determine PINMUX1[3:2].COU GIO080 / PWM1 / GIO / function T_6 PWM1 GIO: GIO[080] PWM1(4) Submit Documentation Feedback Device Overview 39 |