| Moteur de recherche de fiches techniques de composants électroniques |
|
AM1707BZKB4 Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1707BZKB4 Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 198 page ![]() AM1707 www.ti.com SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010 Table 3-2. AM1707 Top Level Memory Map (continued) Start Address End Address Size ARM Mem Map EDMA Mem PRUSS Mem Master LCDC Map Map Peripheral Mem Mem Map Map 0x01E1 1000 0x01E1 1FFF - 0x01E1 2000 0x01E1 2FFF 4K SPI 1 - 0x01E1 3000 0x01E1 3FFF 4K LCD Controller - 0x01E1 4000 0x01E1 4FFF 4K Memory Protection Unit 1 (MPU 1) - 0x01E1 5000 0x01E1 5FFF 4K Memory Protection Unit 2 (MPU 2) - 0x01E1 6000 0x01E1 FFFF - 0x01E2 0000 0x01E2 1FFF 8K EMAC Control Module RAM - 0x01E2 2000 0x01E2 2FFF 4K EMAC Control Module Registers - 0x01E2 3000 0x01E2 3FFF 4K EMAC Control Registers - 0x01E2 4000 0x01E2 4FFF 4K EMAC MDIO port - 0x01E2 5000 0x01E2 5FFF 4K USB1 - 0x01E2 6000 0x01E2 6FFF 4K GPIO - 0x01E2 7000 0x01E2 7FFF 4K PSC 1 - 0x01E2 8000 0x01E2 8FFF 4K I2C 1 - 0x01E2 9000 0x01EF FFFF - 0x01F0 0000 0x01F0 0FFF 4K eHRPWM 0 - 0x01F0 1000 0x01F0 1FFF 4K HRPWM 0 - 0x01F0 2000 0x01F0 2FFF 4K eHRPWM 1 - 0x01F0 3000 0x01F0 3FFF 4K HRPWM 1 - 0x01F0 4000 0x01F0 4FFF 4K eHRPWM 2 - 0x01F0 5000 0x01F0 5FFF 4K HRPWM 2 - 0x01F0 6000 0x01F0 6FFF 4K ECAP 0 - 0x01F0 7000 0x01F0 7FFF 4K ECAP 1 - 0x01F0 8000 0x01F0 8FFF 4K ECAP 2 - 0x01F0 9000 0x01F0 9FFF 4K EQEP 0 - 0x01F0 A000 0x01F0 AFFF 4K EQEP 1 - 0x01F0 B000 0x3FFF FFFF - 0x4000 0000 0x47FF FFFF 128M EMIFA SDRAM data (CS0) - 0x4800 0000 0x5FFF FFFF 0x6000 0000 0x61FF FFFF 32M EMIFA async data (CS2) - 0x6200 0000 0x63FF FFFF 32M EMIFA async data (CS3) - 0x6400 0000 0x65FF FFFF 32M EMIFA async data (CS4) - 0x6600 0000 0x67FF FFFF 32M EMIFA async data (CS5) - 0x6800 0000 0x6800 7FFF 32K EMIFA Control Regs - 0x6800 8000 0x7FFF FFFF - 0x8000 0000 0x8001 FFFF 128K On-chip RAM - 0x8002 0000 0xAFFF FFFF - 0xB000 0000 0xB000 7FFF 32K EMIFB Control Regs 0xB000 8000 0xBFFF FFFF - 0xC000 0000 0xCFFF FFFF 256M EMIFB SDRAM Data 0xD000 0000 0xFFFC FFFF 0xFFFD 0000 0xFFFD FFFF 64K ARM local - ROM 0xFFFE 0000 0xFFFE DFFF - 0xFFFE E000 0xFFFE FFFF 8K ARM Interrupt - Controller Copyright © 2010, Texas Instruments Incorporated Device Overview 13 Submit Documentation Feedback Product Folder Link(s): AM1707 |