| Moteur de recherche de fiches techniques de composants électroniques |
|
HAL576 Fiches technique(PDF) 17 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL576 Fiches technique(HTML) 17 Page - Micronas |
|
17 / 36 page ![]() DATA SHEET HAL57x, HAL58x Micronas Dec. 22, 2008; DSH000145_003EN 17 −15 −10 −5 0 5 1015202530 −20 −15 −10 −5 0 5 10 15 20 25 V HAL 57x, HAL 58x mA IDD VDD IDDhigh IDDlow TA = −40 °C TA = 25 °C TA = 100 °C Fig. 3–7: Typical supply current versus supply voltage 0123456 0 2 4 6 8 10 12 14 16 18 20 V mA IDD VDD HAL 57x, HAL 58x IDDhigh IDDlow TA = −40 °C TA = 25 °C TA = 100 °C Fig. 3–8: Typical supply current versus supply voltage −50 0 50 100 150 200 0 2 4 6 8 10 12 14 16 18 20 °C IDDhigh IDDlow VDD = 3.75 V VDD = 12 V VDD = 24 V mA IDD HAL 57x, HAL 58x TA Fig. 3–9: Typical current consumption versus ambient temperature −50 0 50 100 150 200 0 20 40 60 80 100 120 140 160 180 200 °C TA VDD = 3.75 V VDD = 12 V VDD = 24 V fosc kHz HAL 57x, HAL 58x Fig. 3–10: Typ. internal chopper frequency versus ambient temperature |