| Moteur de recherche de fiches techniques de composants électroniques |
|
AM1806 Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM1806 Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 241 page ![]() J H G F E D C B A 10 9 8 7 6 5 4 3 2 1 10 9 8 7 6 5 4 3 2 1 EMA_D[15]/ GP3[7] AXR15/ EPWM0TZ[0]/ ECAP2_APWM2/ GP0[7] ACLKR/ PRU0_R30[20]/ GP0[15]/ PRU0_R31[22] ACLKX/ PRU0_R30[19]/ GP0[14]/ PRU0_R31[21] AHCLKX/ USB_REFCLKIN/ / GP0[10]/ PRU0_R31[17] UART1_CTS AFSX/ GP0[12]/ PRU0_R31[19] AFSR/ GP0[13]/ PRU0_R31[20] AXR9/ DX1/ GP0[1] AXR4/ FSR0/ GP1[12] AXR5/ CLKX0/ GP1[13] AXR7/ EPWM1TZ[0]/ PRU0_R30[17] GP1[15]/ PRU0_R31[7] AXR10/ DR1/ GP0[2] AXR1/ DX0/ GP1[9] AXR3/ FSX0/ GP1[11] AXR2/ DR0/ GP1[10] MMCSD1_DAT[6]/ LCD_MCLK/ PRU1_R30[6]/ GP8[10]/ PRU1_R31[7] RTC_ALARM/ / GP0[8]/ UART2_CTS DEEPSLEEP AXR0/ ECAP0_APWM0/ GP8[7]/ CLKS0 PRU0_R30[24]/ MMCSD1_CLK/ UPP_CHB_START/ GP8[14]/ PRU1_R31[26] MMCSD1_DAT[4]/ LCD_VSYNC/ PRU1_R30[4]/ GP8[8]/ PRU1_R31[5] VSS PRU0_R30[22]/ PRU1_R30[8]/ UPP_CHB_WAIT/ GP8[12]/ PRU1_R31[24] AXR8/ CLKS1/ ECAP1_APWM1/ GP0[0]/ PRU0_R31[8] AXR12/ FSR1/ GP0[4] EMA_D[4]/ GP4[12] AXR14/ CLKR1/ GP0[6] EMA_WEN_DQM[1]/ GP2[2] EMA_D[0]/ GP4[8] EMA_A[19]/ MMCSD0_DAT[2]/ PRU1_R30[27]/ GP4[3]/ PRU1_R31[19] EMA_D[9]/ GP3[1] EMA_A_R / GP3[9] W EMA_A[23]/ MMCSD0_CLK/ PRU1_R30[31]/ GP4[7]/ PRU1_R31[23] EMA_D[8]/ GP3[0] EMA_D[13]/ GP3[5] VP_CLKIN2/ MMCSD1_DAT[3]/ PRU1_R30[3]/ GP6[4]/ PRU1_R31[4] VP_CLKIN3/ MMCSD1_DAT[1]/ PRU1_R30[1]/ GP6[2]/ PRU1_R31[2] AMUTE/ GP0[9]/ PRU0_R31[16] PRU0_R30[16]/ UART2_RTS/ DVDD3318_A DVDD3318_A EMA_WE/ GP3[11] EMA_D[10]/ GP3[2] EMA_D[3]/ GP4[11] EMA_SDCKE/ PRU0_R30[4]/ GP2[6]/ PRU0_R31[4] EMA_D[14]/ GP3[6] EMA_D[7]/ GP4[15] EMA_D[1]/ GP4[9] EMA_A[22]/ MMCSD0_CMD/ PRU1_R30[30]/ GP4[6]/ PRU1_R31[22] EMA_D[2]/ GP4[10] EMA_A[21]/ MMCSD0_DAT[0]/ PRU1_R30[29]/ GP4[5]/ PRU1_R31[21] PRU0_R30[23]/ MMCSD1_CMD/ UPP_CHB_ENABLE/ GP8[13]/ PRU1_R31[25] AHCLKR/ / GP0[11]/ PRU0_R31[18] PRU0_R30[18]/ UART1_RTS EMA_D[12]/ GP3[4] EMA_WEN_DQM[0]/ GP2[3] EMA_CLK/ PRU0_R30[5]/ GP2[7]/ PRU0_R31[5] AXR6/ CLKR0/ GP1[14]/ PRU0_R31[6] AXR11/ FSX1/ GP0[3] EMA_D[6]/ GP4[14] EMA_D[11]/ GP3[3] RVDD EMA_D[5]/ GP4[13] MMCSD1_DAT[7]/ LCD_PCLK/ PRU1_R30[7]/ GP8[11] MMCSD1_DAT[5]/ LCD_HSYNC/ PRU1_R30[5]/ GP8[9]/ PRU1_R31[6] PRU0_R30[25]/ MMCSD1_DAT[0]/ UPP_CHB_CLOCK/ GP8[15]/ PRU1_R31[27] AXR13/ CLKX1/ GP0[5] J H G F E D C B A EMA_CS[4]/ GP3[13] EMA_CAS/ PRU0_R30[2]/ GP2[4]/ PRU0_R31[2] DVDD3318_B DVDD3318_B DVDD3318_B DVDD3318_B DVDD18 CVDD CVDD DVDD3318_B DVDD18 VSS DVDD3318_A VSS VSS CVDD CVDD VSS VSS CVDD NC NC DVDD3318_C CVDD VSS VSS AM1806 SPRS658B – FEBRUARY 2010 – REVISED MAY 2010 www.ti.com Figure 3-4. Pin Map (Quad D) 3.6 Pin Multiplexing Control Device level pin multiplexing is controlled by registers PINMUX0 - PINMUX19 in the SYSCFG module. For the device family, pin multiplexing can be controlled on a pin-by-pin basis. Each pin that is multiplexed with several different functions has a corresponding 4-bit field in one of the PINMUX registers. Pin multiplexing selects which of several peripheral pin functions controls the pin's IO buffer output data and output enable values only. The default pin multiplexing control for almost every pin is to select 'none' of the peripheral functions in which case the pin's IO buffer is held tri-stated. Note that the input from each pin is always routed to all of the peripherals that share the pin; the PINMUX registers have no effect on input from a pin. 18 Device Overview Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1806 |