Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HAL730 Fiches technique(PDF) 9 Page - Micronas

No de pièce HAL730
Description  Hall-Effect Sensors with Direction Detection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRONAS [Micronas]
Site Internet  http://www.micronas.com
Logo MICRONAS - Micronas

HAL730 Fiches technique(HTML) 9 Page - Micronas

Back Button HAL730 Datasheet HTML 5Page - Micronas HAL730 Datasheet HTML 6Page - Micronas HAL730 Datasheet HTML 7Page - Micronas HAL730 Datasheet HTML 8Page - Micronas HAL730 Datasheet HTML 9Page - Micronas HAL730 Datasheet HTML 10Page - Micronas HAL730 Datasheet HTML 11Page - Micronas HAL730 Datasheet HTML 12Page - Micronas HAL730 Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DATA SHEET
HAL 710, HAL 730
Micronas
Oct. 13, 2009; DSH000031_002EN
9
3. Specifications
3.1. Outline Dimensions
Fig. 3–1:
SOT89B-2: Plastic Small Outline Transistor package, 4 leads, with two sensitive areas
Weight approximately 0.034 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19