| Moteur de recherche de fiches techniques de composants électroniques |
|
TMCL-PC Fiches technique(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG. |
|
|
|||||||||||||||||||||||||||||
TMCL-PC Fiches technique(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG. |
|
|
1 / 1 page ![]() MODULES SOFTWARE INFO M A IN CH A R AC T ER IS T ICS www.trinamic.com – for detailed information and datasheets TMCL-PC PC based TMCL interpreter for multiple module control TMCL-PC is a PC based version of the simple-to-use TMCL software. It allows the control of multiple modules via one PC, so that any kind of interaction between the motors and I/Os available on the different modules can be realized. This for example allows the BLDC motor modules to be inter-operated with stepper motor modules. FEATURES executes the simple-to-use TMCL commands on a PC can inter-operate any combination of TMCL based modules from a central computer single stepping and debugging mode supports all interface options using the TRINAMIC interface adapters free download • • • • • ORDER CODE DESCRIPTION TMCL-PC PC based TMCL interpreter (free download) 60 |
Numéro de pièce similaire - TMCL-PC |
|
Description similaire - TMCL-PC |