Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HAL103 Fiches technique(PDF) 2 Page - Micronas

No de pièce HAL103
Description  Low-Cost Hall-Effect Sensor Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRONAS [Micronas]
Site Internet  http://www.micronas.com
Logo MICRONAS - Micronas

HAL103 Fiches technique(HTML) 2 Page - Micronas

  HAL103 Datasheet HTML 1Page - Micronas HAL103 Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT INFORMATION
HAL 1xy
April/2009
All information and data contained in this product information are without any commitment, are not to be consid-
ered as an offer for conclusion of a contract, nor shall they be construed as to create any liability. Product or
development sample availability and delivery are exclusively subject to our respective order confirmation form. By
this publication, Micronas GmbH does not assume responsibility for patent infringements or other rights of third
parties which may result from its use.
Micronas GmbH
⋅ Hans-Bunte-Strasse 19 ⋅ D-79108 Freiburg (Germany) ⋅ P.O. Box 840 ⋅ D-79008 Freiburg (Germany)
Tel. +49-761-517-0
⋅ Fax +49-761-517-2174 ⋅ E-mail: docservice@micronas.com ⋅ www.micronas.com
No part of this publication may be reproduced, photo-
copied, stored on a retrieval system, or transmitted
without the express written consent of Micronas GmbH.
Edition April 14, 2009; Order No. PI000134_001EN
Family Overview
Type
Switching Behavior
Sensitivity
HAL 101
unipolar
low
HAL 102
latching
high
HAL 103
latching
medium
HAL 104
latching
low
HAL 106
unipolar
high
HAL 107
unipolar
low
HAL 108
unipolar
medium
HAL 109
unipolar
high
System Architecture
The Hall-effect sensor is a monolithic inte-
grated circuit that switches in response to
magnetic fields. If a magnetic field with flux
lines perpendicular to the sensitive area is
applied to the sensor, the biased Hall plate
forces a Hall voltage proportional to this
field. The Hall voltage is compared with the
actual threshold level in the comparator.
The temperature-dependent bias is used to
compensate the decreasing induction of
magnets at higher temperatures. If the mag-
netic field exceeds the threshold levels, the
open-drain output switches to the appropri-
ate state. The built-in hysteresis eliminates
oscillation and provides switching behavior
of output without bouncing.
Magnetic offset caused by mechanical
stress is compensated for by using the
“switching offset compensation technique”.
HAL 1xy
Temperature
Dependent
Bias
Switch
Hysteresis
Control
Comparator
Output
VDD
1
OUT
3
Clock
Hall Plate
GND
2
Short Circuit &
Overvoltage
Protection
Reverse
Voltage &
Overvoltage
Protection
Fig. 1: Block diagram of the HAL 1xy



Html Pages

1 2