Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED Fiches technique(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

No de pièce LED
Description  Driving LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Site Internet  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LED Fiches technique(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD.

  LED Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. LED Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ref.CE-P467 04/09
5. Connection among multiple LEDs (Serial connection is recommended.)
When multiple units of identical LED products are connected, a serial connection makes the
current through LEDs uniform. We recommend serial connections with the object of stable
light-emitting output and reliability.
When they are connected in parallel, you need to consider variations in the forward voltage
among the LEDs. To apply even current to each LED connected in parallel and which has
different properties on forward voltage, implementation of measures is required such that an
appropriate current-regulation resistor for the actual temperature conditions is connected to each
LED in serial.



Html Pages

1 2