| Moteur de recherche de fiches techniques de composants électroniques |
|
X28VC256DM-90 Fiches technique(PDF) 14 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X28VC256DM-90 Fiches technique(HTML) 14 Page - Xicor Inc. |
|
14 / 24 page ![]() X28VC256 14 CE Controlled Write Cycle 3869 FHD F07 Page Write Cycle 3869 FHD F08 Notes: (8) Between successive byte writes within a page write operation, OE can be strobed LOW: e.g. this can be done with CE and WE HIGH to fetch data from another memory device within the system for the next write; or with WE HIGH and CE LOW effectively performing a polling operation. (9) The timings shown above are unique to page write operations. Individual byte load operations within the page write must conform to either the CE or WE controlled write cycle timing. ADDRESS tAS tWC tAH tOES tCS tDS tDH tCH CE WE OE DATA IN DATA OUT HIGH Z DATA VALID tCW tOEH WE OE (8) BYTE 0 BYTE 1 BYTE 2 BYTE n BYTE n+1 BYTE n+2 tWP tWPH tBLC tWC CE ADDRESS* (9) I/O *For each successive write within the page write operation, A7–A14 should be the same or writes to an unknown address could occur. LAST BYTE |