Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADMP405ACEZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADMP405ACEZ
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADMP405ACEZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADMP405ACEZ Datasheet HTML 3Page - Analog Devices ADMP405ACEZ Datasheet HTML 4Page - Analog Devices ADMP405ACEZ Datasheet HTML 5Page - Analog Devices ADMP405ACEZ Datasheet HTML 6Page - Analog Devices ADMP405ACEZ Datasheet HTML 7Page - Analog Devices ADMP405ACEZ Datasheet HTML 8Page - Analog Devices ADMP405ACEZ Datasheet HTML 9Page - Analog Devices ADMP405ACEZ Datasheet HTML 10Page - Analog Devices ADMP405ACEZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary Technical Data
ADMP405
Rev. PrH | Page 7 of 12
APPLICATIONS INFORMATION
The ADMP405 output can be connected to a dedicated codec
microphone input (see Figure 7) or to a high input impedance
gain stage (see Figure 8). A 0.1 µF ceramic capacitor (C1) at VDD
placed close to the ADMP405 supply pins is used for testing and
is recommended to adequately decouple the microphone from
noise on the power supply. A 1 µF or larger dc-blocking tantalum
capacitor (C2) is required at the output of the microphone.
CONNECTING THE ADMP405 TO A CODEC
Figure 7. ADMP405 Connected to the Analog Devices ADAU1761 Codec
CONNECTING THE ADMP405 TO AN OP AMP GAIN
STAGE
Figure 8. ADMP405 Connected to the OP177 Op Amp
ADAU1761
ADMP404
MIC INPUT
C2
1µF
C1
0.1µF
GND
GND
GND
VDD
OUTPUT
ADMP404
R1
10k
Ω
R3
R2
GND
GND
OUTPUT
3
2
4
7
6
GND
VDD
U1
OP177
GAIN = (R2 + R3)/R3
C2
1µF
C1
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12