Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4158 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Fiches technique(HTML) 13 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 9Page - Analog Devices ADF4158 Datasheet HTML 10Page - Analog Devices ADF4158 Datasheet HTML 11Page - Analog Devices ADF4158 Datasheet HTML 12Page - Analog Devices ADF4158 Datasheet HTML 13Page - Analog Devices ADF4158 Datasheet HTML 14Page - Analog Devices ADF4158 Datasheet HTML 15Page - Analog Devices ADF4158 Datasheet HTML 16Page - Analog Devices ADF4158 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ADF4158
Rev. 0 | Page 13 of 36
DB31
CONTROL
BITS
20-BIT STEP WORD
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
000000
0
SSE1 S20
S19
S18
S17
S16
S15
S14
S13
S12
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
C3(1) C2(1) C1(0)
STEP REGISTER (R6)
DB31
CONTROL
BITS
12-BIT DELAY START DIVIDER
RESERVED
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
00
000000
00000
RDF1 RD1
DC1 DSE1 DS12 DS11 DS10 DS9
DS8
DS7
DS6
DS5
DS4
DS3
DS2
DS1 C3(1) C2(1) C1(1)
DELAY REGISTER (R7)
NOTES
1. DBB = DOUBLE-BUFFERED BIT(S).
RESERVED
RESERVED
RESERVED
DB31
12-BIT CLOCK DIVIDER VALUE
CONTROL
BITS
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
LS1
0000
000
0
R2
R1
CK2
CK1
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
C3(1) C2(0) C1(0)
TEST REGISTER (R4)
CLK
DIV
MODE
READ-
BACK
TO
MUXOUT
0
0
00
DB31
16-BIT DEVIATION WORD
CONTROL
BITS
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
TR1
PR1
I2
I1
FRE1 R2E1 DS1
DO4 DO3
DO2 DO1
D16
D15
D14 D13
D12
D11
D10
D9
D8
D7
D6
D5
C3(1) C2(0) C1(1)
DEVIATION REGISTER (R5)
D4
D3
D2
D1
4-BIT DEV OFFSET
WORD
Figure 21. Register Summary 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36