Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9148BPCZ Fiches technique(PDF) 70 Page - Analog Devices

No de pièce AD9148BPCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9148BPCZ Fiches technique(HTML) 70 Page - Analog Devices

Back Button AD9148BPCZ Datasheet HTML 65Page - Analog Devices AD9148BPCZ Datasheet HTML 66Page - Analog Devices AD9148BPCZ Datasheet HTML 67Page - Analog Devices AD9148BPCZ Datasheet HTML 68Page - Analog Devices AD9148BPCZ Datasheet HTML 69Page - Analog Devices AD9148BPCZ Datasheet HTML 70Page - Analog Devices AD9148BPCZ Datasheet HTML 71Page - Analog Devices AD9148BPCZ Datasheet HTML 72Page - Analog Devices AD9148BPCZ Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 70 of 73
For the order of loading and unloading the scan chain, refer to
Table 28.
Table 28. TAP Load and Read Sequence
TAP Load Sequence
TAP Unload Sequence
0
SDIOEN
SDOEN
1
SDOEN
SDO
2
SDO
PLL_LOCK
3
PLL_LOCK
IRQ
4
IRQ
SDIO, preload
5
SDIO
SDIO, current
6
SCLK
SCLK, current
7
CSB
CSB, current
8
RESETE
RESETE, current
9
B15_P
B15_P
10
B14_P
B14_P
11
B13_P
B13_P
12
B12_P
B12_P
13
B11_P
B11_P
14
B10_P
B10_P
15
B9_P
B9_P
16
B8_P
B8_P
17
B7_P
B7_P
18
B6_P
B6_P
19
B5_P
B5_P
20
B4_P
B4_P
21
B3_P
B3_P
22
B2_P
B2_P
23
B1_P
B1_P
24
B0_P
B0_P
25
A15_P
A15_P
26
A14_P
A14_P
27
A13_P
A13_P
28
A12_P
A12_P
29
A11_P
A11_P
30
A10_P
A10_P
31
A9_P
A9_P
32
A8_P
A8_P
33
A7_P
A7_P
34
A6_P
A6_P
35
A5_P
A5_P
36
A4_P
A4_P
37
A3_P
A3_P
38
A2_P
A2_P
39
A1_P
A1_P
40
A0_P
A0_P
41
FRAMEB_P
FRAMEB_P
42
DCIB_P
DCIB_P
43
FRAMEA_P
FRAMEA_P
44
DCIA_P
DCIA_P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73