| Moteur de recherche de fiches techniques de composants électroniques |
|
TCDA0707-R47M Fiches technique(PDF) 4 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
TCDA0707-R47M Fiches technique(HTML) 4 Page - Token Electronics Industry Co., Ltd. |
|
4 / 9 page ![]() 04 of 09 (TCDA1312) Electrical Characteristics Part Number L0 Inductance (µH) ±20% @0A C (max) (mm) D ± 0.1 (mm) DCR (mΩ) Heat Rating Current Idc (Amp) Typical Saturation Current Isat (Amp) Typical (Typical) (Max) TCDA1312-R22M 0.22 9 1.7 0.40 0.55 45 60 TCDA1312-R30M 0.30 9 1.7 0.55 0.70 40 60 TCDA1312-R33M 0.33 9 1.7 0.55 0.70 40 60 TCDA1312-R39M 0.39 9 1.7 0.55 0.70 40 60 TCDA1312-R47M 0.47 10 1.7 0.70 0.80 40 60 TCDA1312-R50M 0.50 10 1.7 0.70 0.80 40 60 TCDA1312-R56M 0.56 10 1.7 0.70 0.80 40 60 TCDA1312-R60M 0.60 10 1.7 0.70 0.80 40 60 TCDA1312-R68M 0.68 10 1.7 0.70 0.80 40 50 TCDA1312-R80M 0.8 10 1.7 0.70 0.85 40 50 TCDA1312-1R0M 1.0 10 1.5 1.20 1.35 30 50 TCDA1312-1R2M 1.2 10 1.5 1.20 1.50 30 40 TCDA1312-1R5M 1.5 10 1.4 1.50 1.70 25 30 TCDA1312-2R0M 2.0 10 1.2 2.90 3.30 17 25 TCDA1312-2R2M 2.2 10 1.2 2.90 3.30 17 25 Note: All test Data is referenced to 25°C ambient. Typical Heat Rating DC Current would cause an approximately ΔT of 40°C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25°C to +125°C. Version 2010 TCDA Large Current Power Inductor http://www.token.com.tw/ rfq token.com.tw TOKEN |