Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KNP-R3AU100RDP Fiches technique(PDF) 4 Page - Token Electronics Industry Co., Ltd.

No de pièce KNP-R3AU100RDP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU100RDP Fiches technique(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  KNP-R3AU100RDP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RDP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RDP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RDP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RDP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RDP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RDP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RDP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RDP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
Resistors General Information
Keep temperature from rising by choosing resistor with a higher rated capacity; do not use a
component having the exact load value required. For considerations of safety in extended period
applications, the rating should be more than four times higher than the actual wattage involved,
but never use resistors at less than 25% of its rated power.
In applications where resistors are subject to intermittent current surges and spikes, be sure in
advance that the components selected are capable of withstanding brief durations of increased load.
Do not exceed the recommended rated load. Resistor must used within the rated voltage range to
prevent the shortening of service life and/or failure of the wound resistance elements.
Minimum load: Resistor must be utilized at 1/10 or more of the rated voltage to prevent poor
conductance due to oxidation build-up. For basic particulars for cautions, refer to EIAJ Technical
Report RCR-2121 “Guidance for care note on fixed-resistors”.
TOKEN
02 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60