Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KNP-R3AV1RJTB Fiches technique(PDF) 3 Page - Token Electronics Industry Co., Ltd.

No de pièce KNP-R3AV1RJTB
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV1RJTB Fiches technique(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  KNP-R3AV1RJTB Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RJTB Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RJTB Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RJTB Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RJTB Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RJTB Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RJTB Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RJTB Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RJTB Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Power Resistors General Information
Information of
General Purpose
Resistors
TOKEN
General Purpose Resistors With Customized Service
Token Electronics is expanding business to include a broad range of General Purpose Resistor
products designed for high volume applications. This expanded range of commercial resistor
presents a more comprehensive product offering for Customer Experience Management (CEM)
and other high volume customers that require quality products at competitive pricing.
Backed by the same customer service, technical support and quality assurance that Token has
always provided, these new commercial products enable you the opportunity to source a wider
range of resistors from a trusted supplier.
General Use
When an ambient temperature exceeds a rated ambient temperature, resistor shall be applied on the
derating curve by derating the load power. General purpose resistor under overloads is not combustion
resistant and is likely to emit, flame, gas, smoke, red heat, etc. Flame retardant resistor generally emit
smoke and red heat in a certain power and over but do not emit fire or flame.
When resistors are shielded or coated with resin etc., stress from the storage heat and the resin are
applied. So, performance and reliability should be checked well before use.
When a voltage higher than rated is applied in a short time (single pulse, repeated pulses, surge, etc.),
it does not necessarily ensure safety that an effective wattage is not higher than a rated wattage. Then
consult with us with your specified pulse wave shape. Resistors shall be used in a condition causing
no dew condensation.
01 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60