Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZTB500F2P Fiches technique(PDF) 2 Page - Token Electronics Industry Co., Ltd.

No de pièce ZTB500F2P
Description  ZTB 456/500/503/912F RESONATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

ZTB500F2P Fiches technique(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  ZTB500F2P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. ZTB500F2P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. ZTB500F2P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
ZTB 456/500/503/912F RESONATORS
Type
ZTB 456 / 500 / 503F
ZTB 912F
W (width)
7.0
5.0
T (thickness)
3.5
2.2
H (height)
9.0
6.0
S (lead space)
5.0
2.5
L (lead length)
4.0
4.0
W
T
H
L
S
ZTB
456F16
Part Number
Frequency Accuracy
Applicable IC
ZTB456F11
19.000 kHz ± 38 Hz
LA3430
SANYO
ZTB456F15
19.000 kHz ± 38 Hz
LA1832
SANYO
ZTB456F16
19.000 kHz ± 38 Hz
TA8122AN
TOSHIBA
ZTB456F18
19.000 kHz ± 38 Hz
TA8132N
TOSHIBA
ZTB456F33
456 kHz ± 2 Hz
LA2232
SANYO
ZTB480E14
480+0.2%, -0.4%
TC31018P
TOSHIBA
ZTB500F2
500.0 kHz ± 2 kHz
µPC1401C
NEC
ZTB500F9
500.0 kHz ± 2 kHz
M51308SP
MITSUBISH
ZTB500F25
15.680 kHz ± 0.4%
LA7680
SANYO
ZTB500F40
15.680 kHz ± 0.4%
TA8691N
TOSHIBA
ZTB503F2
503.5 kHz ±2 kHz
µPC1401C
NEC
ZTB503F5
504.5 kHz ± 2 kHz
LA7620
SANYO
ZTB503F10
15.734 kHz ± 0.5%
TA7777P
TOSHIBA
ZTB503F12
503.5 kHz ± 2 kHz
LDA3586N
THOMSON
ZTB503F15
505.1 kHz ± 2 kHz
LA7650
SANYO
ZTB503F30
503.5 kHz ± 1.5 kHz
TA8654AN
TOSHIBA
ZTB503F38
15.734 kHz ± 62 kHz
AN5302
MATSUSHITA
ZTB912F
923.0 kHz ± 0.3%
LA1780
SANYO
ZTB912F101
918.5 kHz ± 0.3%
AN7291
MATSUSHITA
ZTB912F104
925.0 kHz ± 0.3%
LA1867NM
SANYO
Dimensions (Unit: mm Tolerance: ±0.3mm)
Technical Characteristics
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3