Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KNP-R3AU100RFTB Fiches technique(PDF) 24 Page - Token Electronics Industry Co., Ltd.

No de pièce KNP-R3AU100RFTB
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU100RFTB Fiches technique(HTML) 24 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AU100RFTB Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RFTB Datasheet HTML 21Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RFTB Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RFTB Datasheet HTML 23Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RFTB Datasheet HTML 24Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RFTB Datasheet HTML 25Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RFTB Datasheet HTML 26Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RFTB Datasheet HTML 27Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RFTB Datasheet HTML 28Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Features
- Low Cost
- Low Noise
- Reduced numbers of parts used in circuits
- Products with Pb-free Terminations and RoHS compliant
Preview
Designers of small power supplies and battery chargers for
consumer products can benefit from a fusible resistor with
superior lightning strike and pulse abilities in a cost effective
package.
Token Electronics offers a combination resistor/fuses series
of metal/carbon film fusbile resistor (FRN), wirewound
fusbile resistor (FKN) and cement encased fusbile resistors
(FSQ). Token offers fusbile FRN series a low-cost
alternative to traditional solutions for applications that
require surge protection.
The robust cement-coated wire-wound FSQ resistors and
wirewound fusbile FKN resistors are ideal for power supply applications across the telecomms, military and
industrial markets which require a replacement for carbon composition resistors within the circuit design.
As part of the Token input protection range, this resistor provides a key fusible solution and is completely
customisable to suit the individual application design requirements. Key design engineers with a need for a
robust resistor, will find the FRN, FKN and FSQ series are a multifaceted product, providing comparable pulse
performance with added fusing capabilities.
Our custom solutions are designed to address your need for technical and economic success in a timely manner.
Contact us with your specific needs.
FRN, FKN, FSQ Fusible Resistors
Fusible Resistors - FRN, FKN, FSQ Series
Applications
- Telecommunications
- Household appliances
- Inrush Pulse protection
- Lightning strike protection
- Input protection for small power supplies and battery chargers
Fusible Resistor Features Best of Both Worlds
Fusible Resistors
TOKEN
22 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60