| Moteur de recherche de fiches techniques de composants électroniques |
|
KNP-R3AV1KCTB Fiches technique(PDF) 48 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KNP-R3AV1KCTB Fiches technique(HTML) 48 Page - Token Electronics Industry Co., Ltd. |
|
48 / 60 page ![]() RSS, RSN Metal Oxide Resistors Specifications & Dimensions (Unit: mm) Electrical Performance D d H L Lead Wire End Cap Resistive Film Coating Marking Trimming Line Ceramic Core Type L D H d ± 0.05 MAX Working Voltage Dielectric Withstanding Voltage RSS RSN RSS RSN RSS RSN 1/2W 1/4W 6.0 ± 0.3 2.3 ± 0.3 26 ± 1 0.40~0.50 200V 300V 400V 500V 1W 1/2W 9.0 ± 0.5 3.0 ± 0.5 26 ± 1 0.50~0.55 250V 350V 500V 600V 2W 1W 11 ± 1.0 4.0 ± 0.5 26 ± 3 0.75~0.80 300V 350V 600V 700V 3W 2W 15 ± 1.0 5.0 ± 0.5 35 ± 3 0.75~0.80 350V 350V 700V 700V 5W 3W 17 ± 1.0 6.0 ± 0.5 35 ± 3 0.75~0.80 350V 500V 700V 1000V 6W 5W 24 ± 1.0 8.0 ± 0.5 38 ± 3 0.75~0.80 500V 700V 800V 1000V 7W 6W 24 ± 1.0 8.0 ± 0.5 38 ± 3 0.75~0.80 500V 700V 800V 1000V 10W 7W 41 ± 1.0 8.0 ± 0.5 38 ± 3 0.75~0.80 750V 850V 850V 1000V 10W 53 ± 1.0 8.0 ± 0.5 38 ± 3 0.75~0.80 750V 850V 850V 1000V Requirements Characteristics Test Method JIS C 5202 MIL-R-22684B Operating Temp.Range -55°C~200°C Temp.Coefficient (ppm C) ± 300 5.2 4.6.11 Max. Ressitance Changes Short Time Overload ± (1%+0.05Ω) 5.2A 4.6.5 Effect of Soldering ± (1%+0.05Ω) 6.4 350°C 2Sec 4.6.9 Temp.Cycling ± (1%+0.05Ω) 7.4-55°C / 85°C 4.6.3 Moisture Resistance ± 5% 7.9 1,000hr 4.6.10 Load Life ± 5% 7.10 1,000hr 4.6.12 Dielectric Withstanding Voltage ± (0.5%+0.05Ω) 5.7A 4.6.7 Non-Combustibility The resistor shall withstand Overload test in accordance with Artice UL492.2 13 without producing a fire hazard. Resistance to Solvents No damage on the appearance,co.or bands. TOKEN 46 of 58 Version 2010 http://www.token.com.tw/ rfq token.com.tw |