| Moteur de recherche de fiches techniques de composants électroniques |
|
X88C75PI Fiches technique(PDF) 4 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X88C75PI Fiches technique(HTML) 4 Page - Xicor Inc. |
|
4 / 27 page ![]() X88C75 SLIC® E2 4 Page Write Operation Toggle Bit Polling Because the X88C75 typical write timing is less than the specified 5ms, Toggle Bit Polling has been provided to determine the early completion of a write cycle. During the internal programming cycle, I/O6 will toggle from “1” to “0” and “0” to “1” on subsequent attempts to read from the memory plane that is being updated. When the Figure 1. Toggle Bit Polling internal cycle is complete, the toggling will cease and the device will be accessible for additional read or write operations. Due to the dual plane architecture, reads for polling must occur from the plane that was written; that is, the state of A12 during a write must match the state of A12 during polling. tBLC CE ALE A/D0–A/D7 A8–A12 WR PSEN(RD) AIN DIN A12=n OPERATION BYTE 0 BYTE 1 BYTE 2 LAST BYTE READ (1)(2) AFTER tWC READY FOR NEXT WRITE OPERATION tWC 2887 ILL F04 AIN DIN A12=n AIN DIN A12=n AIN DIN A12=n AIN DOUT A12=x AIN ADDR AIN Next Address RD LAST BYTE WRITTEN CE ALE A/D0–A/D7 A8–A12 WR AIN DIN A12=n OPERATION AIN DOUT A12=n AIN DOUT A12=n AIN DOUT A12=n AIN DOUT A12=x AIN ADDR I/O6=X X88C75 READY FOR NEXT OPERATION 2887 ILL F05 I/O6=X I/O6=X I/O6=X |