| Moteur de recherche de fiches techniques de composants électroniques |
|
X88C64PI Fiches technique(PDF) 5 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X88C64PI Fiches technique(HTML) 5 Page - Xicor Inc. |
|
5 / 14 page ![]() X88C64 5 Page Write Timing Sequence for WR Controlled Operation Notes: (1) For each successive write within a page write cycle A5–A12 must be the same. (2) Although it is not illustrated, the microcontroller may interleave read operations between the individual byte writes within the page write operation. Two responses are possible: a. Reading from the same plane being written (A12 of Read = A12 of Write) is effectively a Toggle Bit Polling operation. b. Reading from the opposite plane being written (A12 of Read ≠ A12 of Write) true data will be returned, facilitating the use of a single memory component as both program and data storage. PAGE WRITE OPERATION Regardless of the microcontroller employed, the X88C64 supports page mode write operations. This allows the microcontroller to write from one to thirty-two bytes of data to the X88C64. Each individual write within a page write operation must conform to the byte write timing requirements. The falling edge of WR starts a timer delaying the internal programming cycle 100 µs. There- fore, each successive write operation must begin within 100 µs of the last byte written. The following waveforms illustrate the sequence and timing requirements. 3867 FHD F08 tBLC CE ALE A/D0–A/D7 A8–A12 WR PSEN(RD) AIN DIN A12=n OPERATION BYTE 0 BYTE 1 BYTE 2 LAST BYTE READ (1)(2) AFTER tWC READY FOR NEXT WRITE OPERATION tWC AIN DIN A12=n AIN DIN A12=n AIN DIN A12=n AIN DOUT A12=x AIN ADDR AIN Next Address |