| Moteur de recherche de fiches techniques de composants électroniques |
|
X28C64DM Fiches technique(PDF) 5 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X28C64DM Fiches technique(HTML) 5 Page - Xicor Inc. |
|
5 / 25 page ![]() X28C64 5 The Toggle Bit I/O6 Figure 4. Toggle Bit Bus Sequence CE OE WE I/O6 X28C64 READY VOH VOL LAST WRITE HIGH Z * Beginning and ending state of I/O6 will vary. * * 3853 FHD F14 Figure 5. Toggle Bit Software Flow The Toggle Bit can eliminate the software housekeeping chore of saving and fetching the last address and data written to a device in order to implement DATA Polling. This can be especially helpful in an array comprised of multiple X28C64 memories that is frequently updated. Toggle Bit Polling can also provide a method for status checking in multiprocessor applications. The timing diagram in Figure 4 illustrates the sequence of events on the bus. The software flow diagram in Figure 5 illustrates a method for polling the Toggle Bit. 3853 FHD F15 LOAD ACCUM FROM ADDR n COMPARE ACCUM WITH ADDR n X28C64 READY COMPARE OK? NO YES LAST WRITE |