Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS8061-15GTETR Fiches technique(PDF) 5 Page - Silicon Standard Corp.

No de pièce SS8061-15GTETR
Description  1A Low Dropout Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8061-15GTETR Fiches technique(HTML) 5 Page - Silicon Standard Corp.

  SS8061-15GTETR Datasheet HTML 1Page - Silicon Standard Corp. SS8061-15GTETR Datasheet HTML 2Page - Silicon Standard Corp. SS8061-15GTETR Datasheet HTML 3Page - Silicon Standard Corp. SS8061-15GTETR Datasheet HTML 4Page - Silicon Standard Corp. SS8061-15GTETR Datasheet HTML 5Page - Silicon Standard Corp. SS8061-15GTETR Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.SiliconStandard.com
5 of 6
SS8061G
1/21/2005 Rev.2.01
RECOMMENDED MINIMUM FOOTPRINT
SOT-89-5
SOT-89-5



Html Pages

1 2 3 4 5 6