Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X28C64DI Fiches technique(PDF) 5 Page - Xicor Inc.

No de pièce X28C64DI
Description  5 Volt, Byte Alterable E2PROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  XICOR [Xicor Inc.]
Site Internet  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C64DI Fiches technique(HTML) 5 Page - Xicor Inc.

  X28C64DI Datasheet HTML 1Page - Xicor Inc. X28C64DI Datasheet HTML 2Page - Xicor Inc. X28C64DI Datasheet HTML 3Page - Xicor Inc. X28C64DI Datasheet HTML 4Page - Xicor Inc. X28C64DI Datasheet HTML 5Page - Xicor Inc. X28C64DI Datasheet HTML 6Page - Xicor Inc. X28C64DI Datasheet HTML 7Page - Xicor Inc. X28C64DI Datasheet HTML 8Page - Xicor Inc. X28C64DI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
X28C64
5
The Toggle Bit I/O6
Figure 4. Toggle Bit Bus Sequence
CE
OE
WE
I/O6
X28C64
READY
VOH
VOL
LAST
WRITE
HIGH Z
* Beginning and ending state of I/O6 will vary.
*
*
3853 FHD F14
Figure 5. Toggle Bit Software Flow
The Toggle Bit can eliminate the software housekeeping
chore of saving and fetching the last address and data
written to a device in order to implement
DATA Polling.
This can be especially helpful in an array comprised of
multiple X28C64 memories that is frequently updated.
Toggle Bit Polling can also provide a method for status
checking in multiprocessor applications. The timing
diagram in Figure 4 illustrates the sequence of events on
the bus. The software flow diagram in Figure 5 illustrates
a method for polling the Toggle Bit.
3853 FHD F15
LOAD ACCUM
FROM ADDR n
COMPARE
ACCUM WITH
ADDR n
X28C64
READY
COMPARE
OK?
NO
YES
LAST WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25