Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS8039 Fiches technique(PDF) 7 Page - Silicon Standard Corp.

No de pièce SS8039
Description  Microprocessor Voltage Monitor with Manual Reset
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8039 Fiches technique(HTML) 7 Page - Silicon Standard Corp.

  SS8039 Datasheet HTML 1Page - Silicon Standard Corp. SS8039 Datasheet HTML 2Page - Silicon Standard Corp. SS8039 Datasheet HTML 3Page - Silicon Standard Corp. SS8039 Datasheet HTML 4Page - Silicon Standard Corp. SS8039 Datasheet HTML 5Page - Silicon Standard Corp. SS8039 Datasheet HTML 6Page - Silicon Standard Corp. SS8039 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.SiliconStandard.com
7 of 7
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
Rev.2.02 1/06/2004
SS8039
Physical Dimensions
SOT 143 Package
DIMENSION IN MILIMETERS
DIMENSION IN INCHS
SYMBOL
MIN.
MAX.
MIN.
MAX.
A
0.95
1.20
0.037
0.047
A1
0.05
0.10
0.002
0.004
A2
0.90
1.10
0.035
0.043
b
0.37
0.46
0.145
0.018
b1
0.76
0.89
0.030
0.035
C
0.10
0.18
0.004
0.007
D
2.80
3.04
0.110
0.120
E
1.20
1.40
0.047
0.055
E1
2.30
2.50
0.091
0.098
e1
1.92 BSC.
0.75 BSC.
e2
0.20 BSC.
0.078 BSC.
L
0.69 REF.
0.27 REF.
E
D
E1
L
C
bx3
e2
e1
b1
A2
A1
A
E
D
E1
L
C
bx3
e2
e1
b1
A2
A1
A
b1
A2
A1
A
Package Orientation
Feed Direction
Feed Direction



Html Pages

1 2 3 4 5 6 7