Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X25642PI Fiches technique(PDF) 6 Page - Xicor Inc.

No de pièce X25642PI
Description  Advanced SPI Serial E 2 PROM with Block Lock TM Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  XICOR [Xicor Inc.]
Site Internet  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25642PI Fiches technique(HTML) 6 Page - Xicor Inc.

Back Button X25642PI Datasheet HTML 2Page - Xicor Inc. X25642PI Datasheet HTML 3Page - Xicor Inc. X25642PI Datasheet HTML 4Page - Xicor Inc. X25642PI Datasheet HTML 5Page - Xicor Inc. X25642PI Datasheet HTML 6Page - Xicor Inc. X25642PI Datasheet HTML 7Page - Xicor Inc. X25642PI Datasheet HTML 8Page - Xicor Inc. X25642PI Datasheet HTML 9Page - Xicor Inc. X25642PI Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
X25642
6
Figure 3. Write Enable Latch Sequence
Figure 4. Byte Write Operation Sequence
01234567
3132 ILL F05
CS
SI
SCK
HIGH IMPEDANCE
SO
0123456789
10
CS
SCK
SI
SO
HIGH IMPEDANCE
INSTRUCTION
16 BIT ADDRESS
DATA BYTE
76543210
15 14 13
3210
20 21 22 23 24 25 26 27 28 29 30 31
3132 ILL F06.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16