| Moteur de recherche de fiches techniques de composants électroniques |
|
X25057PI Fiches technique(PDF) 10 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X25057PI Fiches technique(HTML) 10 Page - Xicor Inc. |
|
10 / 16 page ![]() X25057 10 Data Output Timing 7033FRM T11 Notes: (5) This parameter is periodically sampled and not 100% tested. Figure 8. Serial Output Timing SYMBOL TABLE Symbol Parameter Voltage Min. Max. Units fSCK Clock Frequency 2.7V–5.5V 1.8V–3.6V 0 5 3.3 MHz tDIS Output Disable Time 2.7V–5.5V 1.8V–3.6V 100 150 ns tV Output Valid from Clock LOW 2.7V–5.5V 1.8V–3.6V 80 130 ns tHO Output Hold Time 0 ns tRO (5) Output Rise Time 50 ns tFO (5) Output Fall Time 50 ns SCK CS SO SI MSB OUT MSB–1 OUT LSB OUT ADDR LSB IN t CYC t V t HO t WL t WH t DIS 7033 FRM F10 t LAG WAVEFORM INPUTS OUTPUTS Must be steady Will be steady May change from LOW to HIGH Will change from LOW to HIGH May change from HIGH to LOW Will change from HIGH to LOW Don’t Care: Changes Allowed Changing: State Not Known N/A Center Line is High Impedance |