Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X24C01AS8M Fiches technique(PDF) 11 Page - Xicor Inc.

No de pièce X24C01AS8M
Description  Serial E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  XICOR [Xicor Inc.]
Site Internet  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C01AS8M Fiches technique(HTML) 11 Page - Xicor Inc.

Back Button X24C01AS8M Datasheet HTML 5Page - Xicor Inc. X24C01AS8M Datasheet HTML 6Page - Xicor Inc. X24C01AS8M Datasheet HTML 7Page - Xicor Inc. X24C01AS8M Datasheet HTML 8Page - Xicor Inc. X24C01AS8M Datasheet HTML 9Page - Xicor Inc. X24C01AS8M Datasheet HTML 10Page - Xicor Inc. X24C01AS8M Datasheet HTML 11Page - Xicor Inc. X24C01AS8M Datasheet HTML 12Page - Xicor Inc. X24C01AS8M Datasheet HTML 13Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
X24C01A
11
NOTE:
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
2. PACKAGE DIMENSIONS EXCLUDE MOLDING FLASH
0.020 (0.51)
0.016 (0.41)
0.150 (3.81)
0.125 (3.18)
0.110 (2.79)
0.090 (2.29)
0.430 (10.92)
0.360 (9.14)
0.300
(7.62) REF.
PIN 1 INDEX
0.145 (3.68)
0.128 (3.25)
0.025 (0.64)
0.015 (0.38)
PIN 1
SEATING
PLANE
0.065 (1.65)
0.045 (1.14)
0.260 (6.60)
0.240 (6.10)
0.060 (1.52)
0.020 (0.51)
TYP. 0.010 (0.25)
0
°
15
°
8-LEAD PLASTIC DUAL IN-LINE PACKAGE TYPE P
HALF SHOULDER WIDTH ON
ALL END PINS OPTIONAL
0.015 (0.38)
MAX.
0.325 (8.25)
0.300 (7.62)
PACKAGING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13