| Moteur de recherche de fiches techniques de composants électroniques |
|
X24C01APM Fiches technique(PDF) 7 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X24C01APM Fiches technique(HTML) 7 Page - Xicor Inc. |
|
7 / 13 page ![]() X24C01A 7 Sequential Read Sequential Read can be initiated as either a current address read or random access read. The first word is transmitted as with the other modes, however, the master now responds with an acknowledge, indicating it requires additional data. The X24C01A continues to output data for each acknowledge received. The read operation is terminated by the master, by not responding with an acknowledge and by issuing a stop condition. The data output is sequential, with the data from address n followed by the data from n + 1. The address counter for read operations increments all address bits, allowing the entire memory contents to be serially read during one operation. At the end of the address space (address 127), the counter “rolls over” to address 0 and the X24C01A continues to output data for each acknowl- edge received. Refer to Figure 9 for the address, ac- knowledge and data transfer sequence. Figure 9. Sequential Read Figure 10. Typical System Configuration 3841 FHD F14 3841 FHD F15 MASTER TRANSMITTER/ RECEIVER SLAVE RECEIVER SLAVE TRANSMITTER/ RECEIVER MASTER TRANSMITTER MASTER TRANSMITTER/ RECEIVER SDA SCL VCC BUS ACTIVITY: MASTER SDA LINE BUS ACTIVITY: X24C01A SLAVE ADDRESS A C K A C K DATA n+x S T O P P DATA n A C K DATA n+1 A C K DATA n+2 |