| Moteur de recherche de fiches techniques de composants électroniques |
|
S6580CSTB Fiches technique(PDF) 5 Page - Silicon Standard Corp. |
|
|
|||||||||||||||||||||||||||||
S6580CSTB Fiches technique(HTML) 5 Page - Silicon Standard Corp. |
|
5 / 8 page ![]() www.SiliconStandard.com 5 of 8 SS6580/L n TYPICAL PERFORMANCE CHARACTERISTICS 1 2 3 4 5 6 7 8 9 10 11 30 40 50 60 70 80 90 100 Vo=1.3V Vo=2.0V Vo=3.5V IOUT (A) Fig. 1 Efficiency vs. Load Current Temperature ( °C) Fig. 2 OCSET Current vs. Temperature -40 -20 0 20 40 60 80 100 120 140 160 192 194 196 198 200 Tc=134ppm/ C@ 0~100 °C Fig. 3 Over-Current Operation Fig. 4 Output Clamped by Built-In Soft Start Fig. 5 Transient Response VOUT NOISE Rev.2.01 6/26/2003 |