Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS6568CSTR Fiches technique(PDF) 3 Page - Silicon Standard Corp.

No de pièce SS6568CSTR
Description  4-bit DAC, Step-Down PWM Power Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6568CSTR Fiches technique(HTML) 3 Page - Silicon Standard Corp.

  SS6568CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6568CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6568CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6568CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6568CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6568CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6568CSTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.SiliconStandard.com
3 of 7
SS6568


!"
ABSOLUTE MAXIMUM RATINGS
*/ 4  "#
& 4   "#
*4 )**4  8)  
6:'  5  C5
   0
 
*/ 4 
 "0±"$
( * !  ° D E°
.* ) F*3 * "°
    
 !34 θ"& < /34 : "=
) 3;  "°8
) 3; <  5  7 =  G° 8
.* F*3 * <3 3;= "#°
.*  * !  #° D"#°
.* , * < " 3=  5°
Note 1:
θJA is measured with the component mounted on an evaluation PC board in free air.

!"
TEST CIRCUIT
!7  @(, (,( ): !> 
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7