Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS4036G Fiches technique(PDF) 8 Page - Silicon Standard Corp.

No de pièce SS4036G
Description  Two-Cell Li-Ion and Li-Polymer Charge Management IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4036G Fiches technique(HTML) 8 Page - Silicon Standard Corp.

  SS4036G Datasheet HTML 1Page - Silicon Standard Corp. SS4036G Datasheet HTML 2Page - Silicon Standard Corp. SS4036G Datasheet HTML 3Page - Silicon Standard Corp. SS4036G Datasheet HTML 4Page - Silicon Standard Corp. SS4036G Datasheet HTML 5Page - Silicon Standard Corp. SS4036G Datasheet HTML 6Page - Silicon Standard Corp. SS4036G Datasheet HTML 7Page - Silicon Standard Corp. SS4036G Datasheet HTML 8Page - Silicon Standard Corp. SS4036G Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.SiliconStandard.com
8 of 9
SS4036G
1/09/2006 Rev.3.01
PHYSICAL DIMENSIONS (units: inches)
TSSOP-8
E
C
B A
C 1
m in.
nom .
m ax.
A
6.2
-
6.6
B
4.2
-
4.6
C
0.1
-
0.3
C1
2.8
-
3.3
D-
-
1.1
E
-
0.65
-
F
0.05
-
0.10
G-
0.50
-
H0.12
-
0.22
D im ension in m m
Sym bol



Html Pages

1 2 3 4 5 6 7 8 9