Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBRB3035CT Fiches technique(PDF) 3 Page - Silicon Standard Corp.

No de pièce MBRB3035CT
Description  Dual Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

MBRB3035CT Fiches technique(HTML) 3 Page - Silicon Standard Corp.

  MBRB3035CT Datasheet HTML 1Page - Silicon Standard Corp. MBRB3035CT Datasheet HTML 2Page - Silicon Standard Corp. MBRB3035CT Datasheet HTML 3Page - Silicon Standard Corp. MBRB3035CT Datasheet HTML 4Page - Silicon Standard Corp. MBRB3035CT Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR3035(45)CT
MBRF3035(45)CT
MBRB3035(45)CT
Series
12/24/2006 Rev. 1.01
www.SiliconStandard.com
3
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Unless otherwise specified, these specifications apply over the operating ambient temperature of 25℃.
Notes:
1.
Clip mounting (on case), where lead does not overlap heat sink with 0.110" offset
2.
Clip mounting (on case), where leads do overlap heat sink Screw mounting with 4-40 screw, where washer
diameter is < 4.9 mm (0.19")
3.
Pulse test: 300us pulse width, 1% duty cycle



Html Pages

1 2 3 4 5