Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT60B Fiches technique(PDF) 2 Page - Rectron Semiconductor

No de pièce BAT60B
Description  Small-Signal Schottky Diodes VOLTAGE RANGE 10 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT60B Fiches technique(HTML) 2 Page - Rectron Semiconductor

  BAT60B Datasheet HTML 1Page - Rectron Semiconductor BAT60B Datasheet HTML 2Page - Rectron Semiconductor BAT60B Datasheet HTML 3Page - Rectron Semiconductor BAT60B Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REVERSE CURRENT IR = f (VR)
1600
mA
2400
2000
3200
10-10
10-9
10-8
10-7
10-6
10-5
10-4
10-3
A
12
V
8
6
4
2
0
RATING AND CHARACTERISTICS CURVES ( BAT60B )
Figure 1
FORWARD CURRENT IF = f (TS)
0
0
1200
800
400
60
40
100
120 OC
150
80
20
Figure 2
10-4
10-3
10-2
10-1
100
101
102
A
FORWARD CURRENT IF = f (VF)
10-5
100
0.6
0.8
V
0.5
0.4
0.3
0.2
0.1
0
Figure 3
PERMISSIBLE PULSE LOAD IFmax/IFDC = f (tp)
10-5
10-6
10-4
10-3
10-5
S
100
Figure 4
-40 OC
-40 OC
25 OC
25 OC
85 OC
85 OC
125 OC
125 OC
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5



Html Pages

1 2 3 4