| Moteur de recherche de fiches techniques de composants électroniques |
|
LM2991QML Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM2991QML Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 13 page ![]() LM2991 Electrical Characteristics (Continued) DC Drift Parameters The following conditions apply, unless otherwise specified. DC: V I = −10V, VO = −3V, IO = 1A, CO = 47µF, RL = 2.7K Ω Deltas not required on B−Level product. Deltas required for S−Level product ONLY. Symbol Parameter Conditions Notes Min Max Units Sub- groups V Ref Reference Voltage 5mA ≤ I O ≤ 1A ±20 mV 1 Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. Note 2: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax =(TJmax -TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. Note 3: The package material for these devices allows much improved heat transfer over our standard ceramic packages. In order to take full advantage of this improved heat transfer, heat sinking must be provided between the package base (directly beneath the die), and either metal traces on, or thermal vias through, the printed circuit board. Without this additional heat sinking, device power dissipation must be calculated using θJA, rather than θJC, thermal resistance. It must not be assumed that the device leads will provide substantial heat transfer out the package, since the thermal resistance of the leadframe material is very poor, relative to the material of the package base. The stated θJC thermal resistance is for the package material only, and does not account for the additional thermal resistance between the package base and the printed circuit board. The user must determine the value of the additional thermal resistance and must combine this with the stated value for the package, to calculate the total allowed power dissipation for the device. The user must determine the value of the additional thermal resistance and must combine this with the stated value for the package, to calculate the total allowed power dissipation for the device. Note 4: Human body model, 1.5 k Ω in series with 100 pF. www.national.com 5 |