| Moteur de recherche de fiches techniques de composants électroniques |
|
BH3541F Fiches technique(PDF) 7 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BH3541F Fiches technique(HTML) 7 Page - Rohm |
|
7 / 9 page ![]() www.rohm.com 2009.07 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. Technical Note 7/8 BH3541F, BH3544F, BH3547F, BH3548F 4) GND potential Make the GND pin voltage such that it is the lowest voltage even when operating below it. Actually confirm that the voltage of each pin does not become a lower voltage than the GND pin, including transient phenomena. 5) Thermal design Perform thermal design in which there are adequate margins by taking into account the allowable power dissipation in actual states of use. 6) Shorts between pins and misinstallation When mounting the LSI on a board, pay adequate attention to orientation and placement discrepancies of the LSI. If it is misinstalled and the power is turned on, the LSI may be damaged. It also may be damaged if it is shorted by a foreign substance coming between pins of the LSI or between a pin and a power supply or a pin and a GND. 7) Operation in strong magnetic fields Adequately evaluate use in a strong magnetic field, since there is a possibility of malfunction. 8) Pop noise countermeasures In order to prevent the pop noise that occurs when the power supply turns ON or OFF, make the rise and fall with reference to the timing diagram shown below. 1)BH3541F/ BH3544F/ BH3548F Fig. 16 (A):Mute period (Use as pop noise countermeasure when power supply turns ON/OFF by makingVMUTE=Lo.) (B):Mute cancellation period (This has a time constant because it is used by the externally attached C2 and R2 as a pop noise countermeasure on mute cancellation, so be careful of the timing.) (C):Mute start time (As on cancellation, this has a time constant.) 2)BH3547F Fig. 17 (A):Before VCC rise (or at the same time as VCC) make mute cancelled (VMUTE=Hi). (B):Soft mute period (This time can be set by externally attached R2 and C2) VCC Vmute OUT SG (Input Signal) ( Rise time) (PLAY period) (Fall period) (MUTE period) ( A) ( B) Rise time PLAY period Rise time VCC OUT MUTE A B C A |